Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8S22A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P8S22A
Description  8000W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P8S22A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P8S22A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S22A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S22A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S22A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
P8S20A
P8S20CA
20
5
22.2
24.5
5
32.4
246.9
P8S22A
P8S22CA
22
5
24.4
26.9
5
35.5
225.3
P8S24A
P8S24CA
24
5
26.7
29.5
5
38.9
205.6
P8S26A
P8S26CA
26
5
28.9
31.9
5
42.1
190.1
P8S28A
P8S28CA
28
5
31.1
34.4
5
45.4
176.2
P8S30A
P8S30CA
30
5
33.3
36.8
5
48.4
165.3
P8S33A
P8S33CA
33
5
36.7
40.6
5
53.3
150.1
P8S36A
P8S36CA
36
5
40.0
44.2
5
58.1
137.7
P8S40A
P8S40CA
40
5
44.4
49.1
5
64.5
124.1
P8S43A
P8S43CA
43
5
47.8
52.8
5
69.4
115.3
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
RATINGS AND V-I CHARACTERISTICS CURVES (T
A=25ºC, unless otherwise noted)
F IG .1:V - I cu rv e ch aracteristics
(U n i-d ire ctio n al)
F IG .2:V - I cu rv e ch aracteristics
(B i-d irectio n al)
IPP
V C V BR V R
V F
V
IPP
V C V BR V R
V
V C
V BR
V R
IR
IT
IR
IT
IPP
Rev :
www.leiditech.com
01.06.2014
2/4
P8S Series 8000W Transient Voltage Suppressor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com