Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8S22A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P8S22A
Description  8000W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P8S22A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P8S22A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S22A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S22A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P8S22A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P8S Series 8000W Transient Voltage Suppressor
DESCRIPTION:
The P8S series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high
power DC bus clamping applications. These devices offer
uni/bi-directional port protection from 20 volts to 43 volts.
They provide a clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased
current conduction is contained to a minimum, providing
the best possible protection level. They can also be
connected in series and/or parallel to create very high
capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 JEDEC R-6/P-600 Molded Plastic.
 Repetition rate (duty cycle): 0.01%.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated chip junction in R-6/P600 package.
 8000W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000μs
waveform
PPP
8000
W
Peak pulse current of on 10/1000μs
waveform
IPP
See next table
A
Steady state power dissipation at TL=75℃
PM(AV)
8
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +150
℃
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
500
A
Symbol
Rev :
www.leiditech.com
01.06.2014
1/4
 AEC-Q101 qualified.


Similar Part No. - P8S22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P8S22A LEIDITECH-P8S22A Datasheet
862Kb / 4P
Low zener impedance JEDEC R-6/P-600 Molded Plastic
More results

Similar Description - P8S22A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
HuaXinAn Electronics CO...
8KP20A HUAXINAN-8KP20A Datasheet
197Kb / 2P
8000W Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SM8T LEIDITECH-SM8T Datasheet
764Kb / 5P
8000W Transient 00W Voltage Suppressor
SM10S LEIDITECH-SM10S Datasheet
2Mb / 5P
8000W Transient 00W Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
8KP17A YFWDIODE-8KP17A Datasheet
623Kb / 5P
8000W Axial Leaded Transient Voltage Suppressors
logo
UN Semiconducctor INC
8KP UNSEMI-8KP Datasheet
3Mb / 6P
8000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com