Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5.0 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SA5.0
Description  Transient Voltage Suppressors Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SA5.0 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SA5.0 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ratings and Characteristic Curves (TA=25℃ unless otherwise noted)
TVS 03
01.µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1
10
30
Non-repetitive Pulse
Waveform Shown in Fig. 3
TA=25ûC
td- Pulse Width (sec.)
P
P
P
Td
Td
Td
Half SINE
Exponential
Square
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
td
t-Time (ms)
Half Value
IPPM
( )
T
A- Ambient Temperature (ºC)
0
0
25
25
50
50
75
75
100
100
125150 175200
1
10
100
1000
10000
1.010.0
100.0
1000.0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
Uni-directional @ V
R
Bi-directional @ V
R
V
BR - Reverse Breakdown Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0255075100 125150 175200
T
L - Lead Temperature(ºC)
L = 0.375” (9.5mm)
Lead Lengths
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 -Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0
10
20
30
40
50
60
70
80
0
0
1
0
1
1
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Forward Surge
Current Uni-Directional Only
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com