Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5.0 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SA5.0
Description  Transient Voltage Suppressors Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SA5.0 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SA5.0 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SA5.0 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Weight
0.045oz., 1.2g
Case
JEDEC DO-201 molded plastic body over
passivated junction.
Polarity
Color band denotes the cathode except
Bipolar.
Terminal
Matte Tin axial leads, solderable per
JESD22-B102D.
Temperature CycleJESD22-A104
Pressure CookerJESD 22-A102
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Thermal Shock
JESD22-A106
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
e
n
o
Z
l
a
c
it
ir
C
p
u
-
p
m
a
R
TL to TP
Ramp-down
Pre Heat
-Temperature Min (T
s(min) )150°C
-Temperature Max (T
s(max) )200°C
-Time (min to max) (t
s)
Average ramp up rate (Liquidus Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)8 minutes Max.
Do not exceed
280°C
Flow/Wave Soldering (Solder Dipping)
Peak Temperature :
265OC
Dipping Time :10 seconds
Soldering :1 time
Soldering Parameters
TVS 04
Dimensions
Dimensions
D
A
A
C
B
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
e
n
o
Z
l
a
c
it
ir
C
p
u
-
p
m
a
R
TL to TP
Ramp-down
Pre Heat
)
)
-Time (min to max) (t
s)
(T
L) to peak
T
S(max) to T L - Ramp-up Rate
3°C/second max
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
P)
260+0/-5 °C
p)
P)
O
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com