Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-751 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AMD-751
Description  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AMD-751 Datasheet HTML 1Page - Advanced Micro Devices AMD-751 Datasheet HTML 2Page - Advanced Micro Devices AMD-751 Datasheet HTML 3Page - Advanced Micro Devices AMD-751 Datasheet HTML 4Page - Advanced Micro Devices AMD-751 Datasheet HTML 5Page - Advanced Micro Devices AMD-751 Datasheet HTML 6Page - Advanced Micro Devices AMD-751 Datasheet HTML 7Page - Advanced Micro Devices AMD-751 Datasheet HTML 8Page - Advanced Micro Devices AMD-751 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2
AMD-751™ System Controller Revision Guide
22564B-1—February 2000
Preliminary Information
1
Product Marking Identification
1.1
Production Marking
AMD-751TM
AMD-751AC
B Date Code
AMD 1999
c
Product Revision
Family/Core
AMD-751
Package Type
A = Plastic Ball Grid Array
C = Commercial Temperature
range
Case Temperature
Table 1.
Valid Combinations for Ordering Parts
OPN
Package Type
Operating Voltage
Case Temperature
AMD-751AC 492-pin PBGA ATX
3.135 V–3.6 V
85°C
Note:
Valid combinations are configurations that are or will be supported in volume for this device.
Consult the local AMD sales office to confirm availability of specific valid combinations and
to check on newly released combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com