Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-751 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AMD-751
Description  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AMD-751 Datasheet HTML 5Page - Advanced Micro Devices AMD-751 Datasheet HTML 6Page - Advanced Micro Devices AMD-751 Datasheet HTML 7Page - Advanced Micro Devices AMD-751 Datasheet HTML 8Page - Advanced Micro Devices AMD-751 Datasheet HTML 9Page - Advanced Micro Devices AMD-751 Datasheet HTML 10Page - Advanced Micro Devices AMD-751 Datasheet HTML 11Page - Advanced Micro Devices AMD-751 Datasheet HTML 12Page - Advanced Micro Devices AMD-751 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7
22564B-1—February 2000
AMD-751™ System Controller Revision Guide
Preliminary Information
14
BAR0[3] Initial Setting Causes OS/2 Warp Install Error
Products Affected. All revisions
Description. BAR0[3] (Base Address Register 0 = Function 0, Device 0, Offset 10h) is initialized to 1,
which indicates that the AGP aperture is prefetchable. With all base address bits (bits 4–30) reset and
with bit 3 set to 1, OS/2 Warp 4.0 installation hangs. With AGP disabled, these bit settings are correct
for the AMD-751.
Potential Effect on System. OS/2 Warp 4.0 hangs during installation.
Suggested Workaround. Enable AGP BIOS settings during the OS/2 Warp 4.0 installation. When the BIOS
sets the Base Address bits of BAR1 for AGP mode, OS/2 Warp 4.0 loads correctly.
Resolution Status. No change to the AMD-751 is required.
15
Ref_5V Cannot Be At A Lower Voltage Than Vcc (3.3V)
Products Affected. C3
Description. Voltage on the Vcc (3.3-V supply) pins cannot exceed the voltage on the 5-V reference pin
(Ref_5V).
Potential Effect on System. The AMD-751 can go into a latch-up state, and permanent damage to the part
may result.
Suggested Workaround. Specify the system power supply whose outputs ramp up and ramp down, such that
the 3.3V outputs never supply voltage higher than the 5-V outputs. For more information, see the
AMD Athlon™ Processor Voltage Regulation Application Note, order# 22651.
In addition, providing a forward-biased diode on the motherboard from the 3.3-V supply to the 5-V
supply limits any 3.3-V excursions to the diode voltage drop. The power supply connector should never
be inserted or removed while power is applied to the motherboard.
Resolution Status. Fixed in Rev C5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com