Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-751AC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AMD-751AC
Description  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751AC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AMD-751AC Datasheet HTML 6Page - Advanced Micro Devices AMD-751AC Datasheet HTML 7Page - Advanced Micro Devices AMD-751AC Datasheet HTML 8Page - Advanced Micro Devices AMD-751AC Datasheet HTML 9Page - Advanced Micro Devices AMD-751AC Datasheet HTML 10Page - Advanced Micro Devices AMD-751AC Datasheet HTML 11Page - Advanced Micro Devices AMD-751AC Datasheet HTML 12Page - Advanced Micro Devices AMD-751AC Datasheet HTML 13Page - Advanced Micro Devices AMD-751AC Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
AMD-751™ System Controller Revision Guide
22564B-1—February 2000
Preliminary Information
18
Burst Writes to Non-Existent AGP Memory Hang System
Products Affected. C3 and C5
Description. Running in DOS under Windows, MechWarrior2 creates burst writes to non-existent AGP
memory that intentionally cause master abort cycles from the S3 Savage4 graphics card to the system
controller. The AMD-751 system controller does not handle master abort cycles in the quantity
generated by the S3 Savage4 graphics card. This behavior to the system controller is caused by the
software/driver when write combining is enabled and is not considered appropriate nor indicative of
any common software technique. Write combining is enabled when the AMD AGP miniport driver is
installed.
Potential Effect on System. System hangs.
Suggested Workarounds.
I. Run the game differently:
1. Install and run the game directly under DOS, creating a BOOT floppy when asked.
2. Obtain the Windows version of the program on CD.
3. Upgrade to the newer MechWarrior3 product.
II. Change the BIOS
1. APC write chaining, device 0, function 0, register 84h, bit 17 must be left at 0.
Resolution Status. No planned fix
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com