Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-751AC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AMD-751AC
Description  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751AC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AMD-751AC Datasheet HTML 6Page - Advanced Micro Devices AMD-751AC Datasheet HTML 7Page - Advanced Micro Devices AMD-751AC Datasheet HTML 8Page - Advanced Micro Devices AMD-751AC Datasheet HTML 9Page - Advanced Micro Devices AMD-751AC Datasheet HTML 10Page - Advanced Micro Devices AMD-751AC Datasheet HTML 11Page - Advanced Micro Devices AMD-751AC Datasheet HTML 12Page - Advanced Micro Devices AMD-751AC Datasheet HTML 13Page - Advanced Micro Devices AMD-751AC Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
11
22564B-1—February 2000
AMD-751™ System Controller Revision Guide
Preliminary Information
3
Revision Determination
Table 3 summarizes the AMD-751 system controller configuration register offsets, devices, default
values after reset, and access types. Access types are indicated as follows:
RW - Read/Write
RO - Read Only
This read-only value is defined as 1022h.
This read-only value of 7006h represents the AMD-751 system controller single processor device.
Bits 7–0
AMD-751™ System Controller Revision Code (RO) - The most-significant nibble indicates the die
revision and the least-significant nibble represents the stepping. (For example, 00h = Revision A0; 01h
= Revision A1; 10h = Revision B0; 21h = Revision C1; 25h = Revision C5; etc.)
Table 3.
Function 0, Device 0 Configuration Registers
Offset
Cache Control
Reset
Access
01h–00h
Vendor ID (AMD)
1022h
RO
03h–02h
Device ID Single Processor Device
7006h
RO
08h
Revision ID
nn *
RO
63h–60h
BIU Status and Control
0000_0Cxxh
RW
86h
PCI and APCI Chaining
00h
RW
Note:
*
nn changes for each device revision. For example, 00h = Revision A0; 01h = Revision A1; 10h =
Revision B0; 21h = Revision C1; 25h = Revision C5 etc.
Vendor ID
Device 0
Offset 01h–00h
Bit 15
14
13
12
11
10
9
8
7
654321
Bit 0
Vendor ID
Reset
0001000000100010
Device ID
Device 0
Offset 03h–02h
Bit 15
14
13
12
11
10
9
8
7
654321
Bit 0
Device ID
Reset
0111000000000110
Revision ID
Device 0
Offset 08h
Bit 7
6
5
4
3
2
1
Bit 0
AMD-751 System Controller Chip Revision and Stepping Code
Reset
————————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com