Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments INA191 Datasheet HTML 20Page - Texas Instruments INA191 Datasheet HTML 21Page - Texas Instruments INA191 Datasheet HTML 22Page - Texas Instruments INA191 Datasheet HTML 23Page - Texas Instruments INA191 Datasheet HTML 24Page - Texas Instruments INA191 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
The output of the INAx191 goes to a high-impedance state when disabled; therefore, it is possible to connect
multiple outputs of the INAx191 together to a single ADC or measurement device, as shown in Figure 7-7. When
connected in this way, enable only one INAx191 at a time, and make sure both devices have the same supply
voltage. Using the INA2191 with the same approach as shown in Figure 7-7 provides the capability to monitor
two currents with a single device.
ADC
RSENSE
LOAD
Microcontroller
RSENSE
LOAD
0.1 F
Supply Voltage
1.7 V to 5.5 V
GPIO1
GPIO2
ENABLE
VS
OUT
GND
0.1 F
Supply Voltage
1.7 V to 5.5 V
TI Device
Bus Voltage1
up to 40 V
Bus Voltage2
up to 40 V
IN+
IN±
ENABLE
VS
OUT
GND
TI Device
IN+
IN±
Figure 7-7. Multiplexing Multiple Devices With the ENABLE Pin
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com