Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA191 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA191 Datasheet HTML 25Page - Texas Instruments INA191 Datasheet HTML 26Page - Texas Instruments INA191 Datasheet HTML 27Page - Texas Instruments INA191 Datasheet HTML 28Page - Texas Instruments INA191 Datasheet HTML 29Page - Texas Instruments INA191 Datasheet HTML 30Page - Texas Instruments INA191 Datasheet HTML 31Page - Texas Instruments INA191 Datasheet HTML 32Page - Texas Instruments INA191 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
10 Layout
10.1 Layout Guidelines
• Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
makes sure that only the current-sensing resistor impedance is detected between the input pins. Poor routing
of the current-sensing resistor commonly results in additional resistance present between the input pins.
Given the very low ohmic value of the current resistor, any additional high-current carrying impedance can
cause significant measurement errors.
• Place the power-supply bypass capacitor as close as possible to the device power supply and ground pins.
The recommended value of this bypass capacitor is 0.1 µF. To compensate for noisy or high-impedance
power supplies, add more decoupling capacitance.
• When routing the connections from the current-sense resistor to the device, keep the trace lengths as short
as possible. Place input filter capacitor CF as close as possible to the input pins of the device.
10.2 Layout Examples
Current
Sense Output
RSHUNT
VIA to Ground
Plane
CBYPASS
RF
(1)
RF
(1)
CF
(1)
Connect to Supply
(1.7 V to 5.5 V)
Connect to Control or VS
(Do not float)
IN±
IN+
OUT
GND
VS
ENABLE
B1
B2
B3
A1
A2
A3
Figure 10-1. Recommended Layout DSBGA (YFD) Package
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com