Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2191 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 4 Page - Texas Instruments

  INA2191 Datasheet HTML 1Page - Texas Instruments INA2191 Datasheet HTML 2Page - Texas Instruments INA2191 Datasheet HTML 3Page - Texas Instruments INA2191 Datasheet HTML 4Page - Texas Instruments INA2191 Datasheet HTML 5Page - Texas Instruments INA2191 Datasheet HTML 6Page - Texas Instruments INA2191 Datasheet HTML 7Page - Texas Instruments INA2191 Datasheet HTML 8Page - Texas Instruments INA2191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
IN+1
IN-1
VS
EN1
IN+2
EN2
IN-2
GND
A
B
C
D
1
2
REF1
OUT1
OUT2
REF2
3
Figure 5-2. INA2191 YBJ Package 12-Pin DSBGA Top View
Table 5-2. Pin Functions (INA2191)
PIN
TYPE
DESCRIPTION
NAME
NO.
ENABLE1
B2
Digital input
Enable pin for output 1. When this pin is driven to VS, channel 1 is on and functions as a
current sense amplifier. When both enable pins are driven to GND, the device is off and the
supply current is reduced. This pin must be driven externally, or connected to VS if not used.
ENABLE2
C2
Digital input
Enable pin for output 2. When this pin is driven to VS, channel 2 is on and functions as a
current sense amplifier. When both enable pins are driven to GND, the device is off and the
supply current is reduced. This pin must be driven externally, or connected to VS if not used.
GND
D2
Analog
Ground.
IN+1
A1
Analog input
Current-shunt monitor positive input for channel 1. For high-side applications, connect this
pin to the bus voltage side of the sense resistor. For low-side applications, connect this pin
to the load side of the sense resistor.
IN+2
D1
Analog input
Current-shunt monitor positive input for channel 2. For high-side applications, connect this
pin to the bus voltage side of the sense resistor. For low-side applications, connect this pin
to the load side of the sense resistor.
IN–1
B1
Analog input
Current-shunt monitor negative input for channel 1. For high-side applications, connect this
pin to the load side of the sense resistor. For low-side applications, connect this pin to the
ground side of the sense resistor.
IN–2
C1
Analog input
Current-shunt monitor negative input for channel 2. For high-side applications, connect this
pin to the load side of the sense resistor. For low-side applications, connect this pin to the
ground side of the sense resistor.
OUT1
A3
Analog output
This pin provides an analog voltage output that is the amplified voltage difference from the
IN+1 to the IN–1 pins, and is offset by the voltage applied to the REF1 pin.
OUT2
D3
Analog output
This pin provides an analog voltage output that is the amplified voltage difference from the
IN+2 to the IN–2 pins, and is offset by the voltage applied to the REF2 pin.
REF1
B3
Analog input
Reference input for channel 1. Enables bidirectional current sensing for channel 1 with an
externally applied voltage.
REF2
C3
Analog input
Reference input for channel 2. Enables bidirectional current sensing for channel 2 with an
externally applied voltage.
VS
A2
Analog
Power supply, 1.7 V to 5.5 V.
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com