Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2191 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA2191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2191 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA2191 Datasheet HTML 7Page - Texas Instruments INA2191 Datasheet HTML 8Page - Texas Instruments INA2191 Datasheet HTML 9Page - Texas Instruments INA2191 Datasheet HTML 10Page - Texas Instruments INA2191 Datasheet HTML 11Page - Texas Instruments INA2191 Datasheet HTML 12Page - Texas Instruments INA2191 Datasheet HTML 13Page - Texas Instruments INA2191 Datasheet HTML 14Page - Texas Instruments INA2191 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
60
70
80
90
100
110
120
130
140
150
160
VS = 1.8V
VS = 3.3V
VS = 5V
VENABLE1 = VENABLE2 = VS
, VREF = VS /2
Figure 6-19. Quiescent Current vs. Temperature
(INA2191 )
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-30
0
30
60
90
120
150
180
210
240
D002
VS = 1.8 V
VS = 3.3 V
VS = 5.0 V
VENABLE = 0 V
Figure 6-20. Quiescent Current vs. Temperature
(INA191 Disabled)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-50
0
50
100
150
200
250
300
350
VS = 1.8V
VS = 3.3V
VS = 5V
VENABLE1 = VENABLE2 = 0 V, VREF = VS /2
Figure 6-21. Quiescent Current vs. Temperature
(INA2191 Disabled)
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
35
40
30
35
40
45
50
55
60
D103
VS = 1.8V
VS = 5V
Figure 6-22. Quiescent Current vs. Common-Mode
Voltage (INA191)
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
35
40
90
95
100
105
110
115
120
VS = 1.8V
VS = 5V
VREF = VS /2
Figure 6-23. Quiescent Current vs. Common-Mode
Voltage (INA2191)
Frequency (Hz)
10
20
30
50
70
100
200
300
500
10
100
1k
10k
100k
Figure 6-24. Input-Referred Voltage Noise vs.
Frequency
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com