Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1507 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TD1507
Description  2.5A 150KHZ PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TD1507 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TD1507 Datasheet HTML 1Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 2Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 3Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 4Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 5Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 6Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 7Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 8Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Datasheet
2.5A 150KHZ PWM Buck DC/DC Converter
TD1507
October, 20, 2005.
Techcode Semiconductor Limited
5
IL
VLOGIC=0.5V(Regulator ON)
0.02
5
uA
θ
JC
Thermal Resistance
Junction to Case
TO252-5L
10
OC/W
θ
JA
Thermal Resistance
Junction to Ambient
(Note1)
TO252-5L
50
OC/W
Vfb: Output Voltage
11V
≤VIN≤36V, 0.2A≤ILOAD
3A, VOUT for 9V
1.193/
1.180
1.23
1.267/
1.280
V
TD1507
ADJ
η: Efficiency
VIN=12V,VOUT=9V,ILOAD=3A
88
%
Specifications with boldface type are for full operationg temperature range, the other type are for
TJ=25
OC.
Note1: Thermal resistance with copper area of approximately 3 in
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com