Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1507 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TD1507
Description  2.5A 150KHZ PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TD1507 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TD1507 Datasheet HTML 1Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 2Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 3Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 4Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 5Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 6Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 7Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 8Page - List of Unclassifed Manufacturers TD1507 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
2.5A 150KHZ PWM Buck DC/DC Converter
TD1507
October, 20, 2005.
Techcode Semiconductor Limited
1
General Description
The TD1507 is a easy to use adjustable
step-down (buck) switch-mode voltage regulators.
The device is available in an adjustable output
version. It is capable of driving a 2.5A load with
excellent line and load regulation.
Requiring
a
minimum
number
of
external
components, the regulator is simple to use and
include internal frequency compensation, and a
fixed-frequency oscillator.
The
output
voltage
is
guaranteed
to
±3%
tolerance under specified input voltage and
output load conditions. The oscillator frequency is
guaranteed to ±15%. External shutdown is
included, featuring typically 80 µA standby current.
Self protection features include a two stage
frequency reducing current limit for the output
switch and an over temperature shutdown for
complete protection under fault conditions.
The TD1507 is available in TO252-5L package.
Features
Adjustable output version
Output adjustable from 1.23v to 34V
Fixed 150KHz frequency internal oscillator
Guaranteed 2.5A output load current
Input voltage range up to 36V
Low power standby mode, IQ typically 70 µA
TTL shutdown capability
Excellent line and load regulation
High efficiency
Thermal shutdown and current limit protection
Available in TO252-5L package
Applications
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
LCD monitor and LCD TV
DVD recorder and PDP TV
Battery charger
Step-down to 3.3V for microprocessors
Package Types
TO252-5L
Figure 1. Package Types of TD1507


Similar Part No. - TD1507

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1507 TECHCODE-TD1507 Datasheet
857Kb / 16P
3A 150KHz PWM Buck DC/DC Converter
TD1507T5 TECHCODE-TD1507T5 Datasheet
857Kb / 16P
3A 150KHz PWM Buck DC/DC Converter
More results

Similar Description - TD1507

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com