Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAC520 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YAC520
Description  High Grade Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YAC520 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YAC520 Datasheet HTML 7Page - YAMAHA CORPORATION YAC520 Datasheet HTML 8Page - YAMAHA CORPORATION YAC520 Datasheet HTML 9Page - YAMAHA CORPORATION YAC520 Datasheet HTML 10Page - YAMAHA CORPORATION YAC520 Datasheet HTML 11Page - YAMAHA CORPORATION YAC520 Datasheet HTML 12Page - YAMAHA CORPORATION YAC520 Datasheet HTML 13Page - YAMAHA CORPORATION YAC520 Datasheet HTML 14Page - YAMAHA CORPORATION YAC520 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
YAC520
11
s Example of System Configuration (1)
A type (+32.0 to – 95.0dB)
SDATAI
TE
20
RIN1
RIN2
AVSS
LIN2
LIN1
ICN
ZCEN
CSN
SDATAO
SCLK
DVDD
VREF
DVSS
AVSS
AVDD
AVSS
LOUT
ROUT
1
2
3
4
5
6
7
8
9
10
Audio
Output
Rch
10µF
0.1µF 47µF
0.1µF 47µF
+5v
4.7
Digital
Controller
100µF
Audio
Source
+
+
10µF
220
Audio
Output
Lch
10µF
220
19
18
17
16
15
14
13
12
11
SDATAI
TE
20
ICN
RIN1
RIN2
AVSS
LIN2
LIN1
ZCEN
CSN
SDATAO
SCLK
DVDD
VREF
DVSS
AVSS
AVDD
AVSS
LOUT
ROUT
1
3
4
5
6
7
8
10
Audio
Output
Rch
10µF
0.1µF 47µF
0.1µF 47µF
+5v
4.7
Digital
Controller
100µF
100µF
Audio
Source
+
+
10µF
220
Audio
Output
Lch
10µF
220
19
18
17
16
2
9
15
14
13
12
11
33µF
33µF
47k
HGVC1(SDATAI)
or
Controller
SDATAO is high impedance state
when CSN is high.
47k
HGVC1(SDATAI)
or
Controller
SDATAO is high impedance state
when CSN is high.
100µF
LIN1=LIN2
RIN1=RIN2
SDATAI
TE
20
RIN1
RIN2
AVSS
LIN2
LIN1
ICN
ZCEN
CSN
SDATAO
SCLK
DVDD
VREF
DVSS
AVSS
AVDD
AVSS
LOUT
ROUT
1
2
3
4
5
6
7
8
9
10
Audio
Output
Rch
10µF
0.1µF 47µF
0.1µF 47µF
+5v
4.7
Digital
Controller
Audio
Source
10µF
220
Audio
Output
Lch
10µF
220
19
18
17
16
15
14
13
12
11
47k
HGVC1(SDATAI)
or
Controller
SDATAO is high impedance state
when CSN is high.
100µF
100µF
33µF
+
33µF
+
B type (+29.5 to – 97.5dB)
LIN2=GND
RIN2=GND
C type (+20.0 to – 107.0dB)
LIN1=GND
RIN1=GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com