Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAC520 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YAC520
Description  High Grade Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YAC520 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YAC520 Datasheet HTML 8Page - YAMAHA CORPORATION YAC520 Datasheet HTML 9Page - YAMAHA CORPORATION YAC520 Datasheet HTML 10Page - YAMAHA CORPORATION YAC520 Datasheet HTML 11Page - YAMAHA CORPORATION YAC520 Datasheet HTML 12Page - YAMAHA CORPORATION YAC520 Datasheet HTML 13Page - YAMAHA CORPORATION YAC520 Datasheet HTML 14Page - YAMAHA CORPORATION YAC520 Datasheet HTML 15Page - YAMAHA CORPORATION YAC520 Datasheet HTML 16Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
YAC520
13
s Example of PCB Layout
To achieve the maximum performance of this device, it is necessary to take special care for the power
supply and the method of grounding. (The above figure shows an example of the layout on the PCB that
assumes the daisy chain connection of two HGVC1s.) Connect a regulated low noise 5 V power supply to
AVDD, and de-couple with DVDD through a resistor for the purpose of avoiding mixing of noise that is
generated in the serial interface. (Refer to s Example of System Configuration) At this time, the de-
coupling capacitor should be located as close as possible to HGVC1. The analog domain and digital domain
should be grounded separately, and HGVC1 should be located in the analog domain side, so that a pattern
layout with minimized impedance to AVSS and DVSS pins can be achieved. The analog ground and digital
ground should be given sufficiently wide areas respectively so that the radiation of the noise can be
suppressed effectively.
Control signals such as serial interface should be placed collectively in the area nearer to the digital ground
plane (upper side), and analog signals and digital signals should be arranged without crossing each other and
without running side by side to prevent their interference.
0.1
µF
4.7
Ω
47
µF
0.1
µF
47
µF
10
µF
0.1
µF
47
µF
0.1
µF
47
µF
Digital Ground Plane
Analog Ground Plane
4.7
Ω
AVDD
+5V
DVDD
10
µF
Digital Logic
Analog Circuit
SDATAI
SDATAO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com