Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3396PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3396PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3396PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF3396PCBA Datasheet HTML 1Page - RF Micro Devices RF3396PCBA Datasheet HTML 2Page - RF Micro Devices RF3396PCBA Datasheet HTML 3Page - RF Micro Devices RF3396PCBA Datasheet HTML 4Page - RF Micro Devices RF3396PCBA Datasheet HTML 5Page - RF Micro Devices RF3396PCBA Datasheet HTML 6Page - RF Micro Devices RF3396PCBA Datasheet HTML 7Page - RF Micro Devices RF3396PCBA Datasheet HTML 8Page - RF Micro Devices RF3396PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-603
RF3396
Rev A6 040224
Evaluation Board Layout
Board Size 1.195" x 1.000"
Board Thickness 0.033”, Board Material FR-4
Note: A small amount of ground inductance is required to achieve datasheet performance. The necessary inductance
may be generated by ensuring that no ground vias are placed directly below the footprint of the part.
Overlay of Suggested Micro-X and 3mmx3mm Layouts Showing
Compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com