Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3396PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3396PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3396PCBA Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3396PCBA Datasheet HTML 2Page - RF Micro Devices RF3396PCBA Datasheet HTML 3Page - RF Micro Devices RF3396PCBA Datasheet HTML 4Page - RF Micro Devices RF3396PCBA Datasheet HTML 5Page - RF Micro Devices RF3396PCBA Datasheet HTML 6Page - RF Micro Devices RF3396PCBA Datasheet HTML 7Page - RF Micro Devices RF3396PCBA Datasheet HTML 8Page - RF Micro Devices RF3396PCBA Datasheet HTML 9Page - RF Micro Devices RF3396PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-605
RF3396
Rev A6 040224
Junction Temperature versus Power Dissipated
(TAMB=+85°C)
105.00
110.00
115.00
120.00
125.00
130.00
135.00
0.07
0.08
0.09
0.10
0.11
0.12
0.13
Power Dissipated (Watts)
Reverse Isolation versus Frequency Across Temperature
ICC=35mA
15.0
17.0
19.0
21.0
23.0
25.0
27.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Current versus Voltage
(At Evaluation Board Connector, RBIAS=22Ω)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
3.53.7
3.94.1
4.34.5
4.7
VCC (V)
-40°C
+25°C
+85°C
Current versus Voltage
(At Pin 8 of the RF3396)
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
VPIN (V)
-40°C
+25°C
+85°C
Vcc=4.2V
Power Dissipated versus Voltage at Pin 8
(TAMB=+85°C)
0.060
0.070
0.080
0.090
0.100
0.110
0.120
0.130
0.140
3.195
3.200
3.205
3.210
3.215
3.220
3.225
3.230
3.235
VPIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com