Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP07N70CF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP07N70CF
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP07N70CF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP07N70CF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼
▼
▼
▼ Dynamic dv/dt Rating
BVDSS
600/675V
▼
▼
▼
▼ Repetitive Avalanche Rated
RDS(ON)
1.2Ω
▼
▼
▼
▼ Fast Switching
ID
7A
▼
▼
▼
▼ Simple Drive Requirement
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
EAR
Repetitive Avalanche Energy
mJ
TSTG
℃
TJ
Operating Junction Temperature Range
℃
Thermal Data
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
3.4
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
65
℃/W
Data & specifications subject to change without notice
200218033
AP07N70CF/I
140
-55 to 150
Parameter
7
Parameter
Rating
600/675
- /A
7
4.4
Storage Temperature Range
-55 to 150
18
37
Linear Derating Factor
0.3
7
AP07N70 series are specially designed as main switching devices for
universal 90~265VAC off-line AC/DC converter applications.
TO-220FM & TO-220CFM type provide high blocking voltage to
overcome voltage surge and sag in the toughest power system with the
best combination of fast switching,ruggedized design and cost-
effectiveness.
The TO-220FM & TO-220CFM package is universally preferred for all
commercial-industrial applications. The device is suited for switch mode
power supplies ,DC-AC converters and high current high speed switching
circuits.
± 30
G
D
S
TO-220FM(F)
G
D
S
G
D
S
TO-220CFM(I)


Similar Part No. - AP07N70CF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07N70CF-A A-POWER-AP07N70CF-A Datasheet
74Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP07N70CF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com