Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP07N70CF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP07N70CF
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP07N70CF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP07N70CF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP07N70CF Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS v.s. Junction
Fig 4. Normalized On-Resistance
Temperature
v.s. Junction Temperature
AP07N70CF/I
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
T j , Junction Temperature (
o C)
V G =10V
I D =3.5A
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
2
4
6
8
10
12
0
5
10
15
20
25
V DS , Drain-to-Source Voltage (V)
T C =25
o C
V G =6.0V
V G =5.5V
V G =5.0V
V G =4.0V
V G =10V
0
2
4
6
8
0
1020
3040
V DS , Drain-to-Source Voltage (V)
T C =150
o C
V G =6.0V
V G =5.5V
V G =5.0V
V G =4.0V
V G =10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com