Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS360 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 1SS360
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

1SS360 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  1SS360 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 1SS360 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 1SS360 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Diode
1SS360
Rev :
www.leiditech.com
01.06.2018
1/3
1SS360
MARKING:JD
Maximum Ratings @Ta=25
℃
Reverse Voltage
VR
85
V
Forward Current
IF
75
mA
IFSM
2.0
A
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
℃/W
Operation Junction and Storage Temperature Range
℃
TJ,TSTG
-55~+150
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
Parameter
Symbol
Limit
Unit
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
SOT-523
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 1μA
85
V
IR1
VR=75V
2
μA
Reverse voltage leakage current
IR2
VR=25V
0.03
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode capacitance
CD
VR=0
f=1MHz
1.5
pF
Reverse recovery time
t r r
IF=IR=10mA
Irr=0.1×IR,RL=100Ω
4
ns
JD


Similar Part No. - 1SS360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS360 TOSHIBA-1SS360 Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
1SS360 TOSHIBA-1SS360 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
1SS360F TOSHIBA-1SS360F Datasheet
121Kb / 3P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
logo
Shanghai Leiditech Elec...
1SS360Q LEIDITECH-1SS360Q Datasheet
934Kb / 2P
Fast Switching Diode
logo
Toshiba Semiconductor
1SS360 TOSHIBA-1SS360_07 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
More results

Similar Description - 1SS360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com