Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4226 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC4226
Description  2SC4226 is an ultra-high frequency low-noise transistor, using planar NPN silicon outside
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC4226 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC4226 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
电学特性 (TA=25℃)
参数
符号
最小 典型 最大
单位
测试条件
集电极基极击穿电压
VCBO
20
V
IC=1uA
集电极基极漏电流
ICBO
0.1
uA
VCB=10V
发射极基极电流
IEBO
1.0
uA
VEB=1V
直流增益
hFE
50
150
300
VCE=3V,IC=7mA
特征频率
fT
3.5
4.5
GHz
VCE=3V,IC=7mA
输出反馈电容
Cre
0.65
1.0
pF
VCB=10V,IE=0mA,f=1MHz
9
dB
VCE=3V,IC=3mA,f=1GHz
9.5
dB
VCE=3V,IC=5mA,f=1GHz
10
dB
VCE=3V,IC=7mA,f=1GHz
功率增益
| S21 |
2
11
dB
VCE=3V,IC=10mA,f=1GHz
1.3
2.0
dB
VCE=3V,IC=7mA,f=1GHz
噪声因子
NF
1.5
2.5
dB
VCE=10V,Ic=5mA,f=1GHz
封装形式
SOT-323
管脚定义:1:基极(Base) 2:发射极(Emitter)
3:集电极(Collector)
符号
最小值(mm) 最大值(mm)
A
0.30
0.40
B
1.15
1.35
C
2.00
2.40
D
0.65
H
1.80
2.20
K
0.80
1.00
M
0.10
0.25
2SC4226
Rev 2.0 :
www.leiditech.com
12.01.2019
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com