Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4226 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC4226
Description  2SC4226 is an ultra-high frequency low-noise transistor, using planar NPN silicon outside
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC4226 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC4226 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4226 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
散射参数(S-PARAMETER)
Freq.
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1. 测试条件:Vce=3V,Ic=3mA, Zo=50Ω
0.20
0.85
12.61
4.47 -167.48 0.07
111.36
0.91
19.41
0.40
0.72
-80.21
4.27
130.71
0.10
53.09
0.59
-45.18
0.60
0.60 -144.44 3.81
93.62
0.11
31.61
0.45
-74.05
0.80
0.53
172.94
3.23
68.37
0.12
21.52
0.39
-96.20
1.00
0.51
139.77
2.71
47.20
0.12
12.82
0.37
-117.96
1.20
0.49
114.10
2.34
28.84
0.13
6.15
0.36
-138.18
1.40
0.48
91.47
2.04
14.64
0.14
1.28
0.36
-158.04
1.60
0.48
70.52
1.77
1.10
0.16
-4.03
0.37
-178.51
1.80
0.47
50.27
1.57
-13.47
0.17
-9.82
0.38
162.67
2.00
0.45
30.33
1.52
-25.94
0.18
-18.12
0.39
144.07
2. 测试条件:Vce=3V,
Ic=5mA, Zo=50Ω
0.20
0.80
5.04
6.30 -173.67 0.06
103.95
0.83
9.95
0.40
0.62
-99.96
5.91
122.04
0.08
53.31
0.46
-51.39
0.60
0.51 -166.46 4.88
85.60
0.09
37.43
0.35
-78.03
0.80
0.47
155.74
3.90
63.30
0.11
29.51
0.31
-98.77
1.00
0.46
127.61
3.16
44.65
0.12
21.77
0.29
-120.54
1.20
0.45
104.57
2.68
27.89
0.13
14.94
0.29
-140.49
1.40
0.45
83.27
2.32
14.13
0.15
8.88
0.29
-159.96
1.60
0.44
63.46
2.02
1.02
0.17
1.68
0.30
179.84
1.80
0.43
44.01
1.79
-13.15
0.19
-5.97
0.31
161.72
2.00
0.41
24.58
1.70
-25.42
0.20
-15.62
0.33
143.72
3. 测试条件:Vce=3V,
Ic=7mA, Zo=50Ω
0.20
0.74
-2.93
8.06 -179.20 0.06
98.90
0.74
3.03
0.40
0.53 -120.71 7.27
113.87
0.07
55.73
0.38
-54.22
0.60
0.46
178.51
5.47
80.66
0.09
42.48
0.29
-79.76
0.80
0.44
146.37
4.23
60.71
0.10
35.36
0.26
-100.04
1.00
0.44
120.34
3.39
43.28
0.12
27.19
0.24
-121.99
1.20
0.43
98.86
2.86
27.27
0.13
19.67
0.24
-142.01
1.40
0.43
78.44
2.47
13.88
0.16
12.58
0.25
-161.24
1.60
0.43
59.24
2.15
0.80
0.18
4.47
0.26
178.69
1.80
0.42
40.26
1.91
-12.94
0.20
-3.93
0.27
160.81
2.00
0.40
21.03
1.81
-25.23
0.21
-14.39
0.29
143.37
2SC4226
Rev 2.0 :
www.leiditech.com
12.01.2019
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com