Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3483C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3483C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3483C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Supply Voltage (VCC) .............................................................7V
Control Input Voltage (RE, DE) .................................-0.3V to 7V
Driver Input Voltage (DI)............................................-0.3V to 7V
Driver Output Voltage (A, B, Y, Z) ........................-7.5V to 12.5V
Receiver Input Voltage (A, B)...............................-7.5V to 12.5V
Receiver Output Voltage (RO) ................. -0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ..727mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
14-Pin Plastic DIP (derate 10mW/°C above +70°C) ...800mW
14-Pin SO (derate 8.33mW/°C above +70°C).............667mW
Operating Temperature Ranges
MAX34_ _C_ _ ...................................................0°C to +70°C
MAX34_ _E_ _ ............................................... -40°C to +85°C
Junction Temperature......................................................+160°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
14 SOIC
PACKAGE CODE
S14+1
Outline Number
21-0041
Land Pattern Number
90-0112
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
120
Junction to Case (θJA)
37
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
84
Junction to Case (θJA)
34
MAX3483/MAX3485/
MAX3486/MAX3488/
MAX3490/MAX3491
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com