Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3483C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3483C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3483C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
(VCC = 3.3V, TA = +25°C)
(VCC = 3.3V, TA = +25°C)
Note 1: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 2: Measured on |tPLH (Y) - tPHL (Y)| and |tPLH (Z) - tPHL (Z)|.
Note 3: The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 80ns,
the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 300ns, the parts are guaranteed to
have entered shutdown. See Low-Power Shutdown Mode section.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Driver Differential Output Delay
tDD
RL = 60Ω, Figure 7
600
900
1400
ns
Driver Differential Output Transition Time
tTD
RL = 60Ω, Figure 7
400
700
1200
ns
Driver Propagation Delay, Low-to-High Level
tPLH
RL = 27Ω, Figure 8
700
1000
1500
ns
Driver Propagation Delay, High-to-Low Level
tPHL
RL = 27Ω, Figure 8
700
1000
1500
ns
|tPLH - tPHL| Driver Propagation Delay Skew (Note 2)
tPDS
RL = 27Ω, Figure 8
100
ns
DRIVER OUTPUT ENABLE/DISABLE TIMES (MAX3485/MAX3491 only)
Driver Output Enable Time to Low Level
tPZL
RL = 110Ω, Figure 10
900
1300
ns
Driver Output Enable Time to High Level
tPZH
RL = 110Ω, Figure 9
600
800
ns
Driver Output Disable Time from High Level
tPHZ
RL = 110Ω, Figure 9
50
80
ns
Driver Output Disable Time from Low Level
tPLZ
RL = 110Ω, Figure 10
50
80
ns
Driver Output Enable Time from Shutdown to Low Level
tPSL
RL = 110Ω, Figure 10
1.9
2.7
ns
Driver Output Enable Time from Shutdown to High Level
tPSH
RL = 110Ω, Figure 9
2.2
3.0
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Time to Shutdown
tSHDN
MAX3483/MAX3485/MAX3486/MAX3491 only
(Note 3)
80
190
300
ns
Receiver Propagation Delay,
Low-to-High Level
tRPLH
VID = 0V to 3.0V, CL = 15pF, Figure 11
25
65
90
ns
MAX3483/MAX3488
25
75
120
Receiver Propagation Delay,
High-to-Low Level
tRPHL
VID = 0V to 3.0V, CL = 15pF, Figure 11
25
65
90
ns
MAX3483/MAX3488
25
75
120
|tPLH - tPHL| Receiver
Propagation Delay Skew
tRPDS
VID = 0V to 3.0V, CL = 15pF, Figure 11
10
ns
MAX3483/MAX3488
20
Receiver Output Enable Time
to Low Level
tPRZL
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
25
50
ns
Receiver Output Enable Time
to High Level
tPRZH
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
25
50
ns
Receiver Output Disable
Time from High Level
tPRHZ
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
25
45
ns
Receiver Output Disable
Time from Low Level
tPRLZ
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
25
45
ns
Receiver Output Enable Time
from Shutdown to Low Level
tPRSL
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
720
1400
ns
Receiver Output Enable Time
from Shutdown to High Level
tPRSH
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
720
1400
ns
MAX3483/MAX3485/
MAX3486/MAX3488/
MAX3490/MAX3491
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 5
Driver Switching Characteristics—MAX3483 and MAX3488
Receiver Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com