Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1608EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Examples
p-Channel/n-Channel High-Side Load
Switch with Controlled Turn-On
In load-switching applications, when a controlled volt-
age ramp or inrush current limiting is required, add a
series resistor to slow the switch turn-on and turn-off
times. The external MOSFET gate has a typical capaci-
tance of 150pF to 2000pF, but an optional external
capacitance can be added to further slow the switching
time (Figure 6). If a slow turn-on time is required, use
an n-channel MOSFET with a high-value pullup resistor
and no series resistor. Similarly, if a fast turn-on and a
slow turn-off are desired, use a p-channel MOSFET with
a high-value pullup resistor and no series resistor.
Battery Switch with
Back-to-Back MOSFETs
Many battery-operated applications use back-to-back
MOSFETs to prevent reverse currents from the load to
the supply (Figure 7). This protects the battery from
potential damage and isolates the load from the power
source.
LED Driver
The MAX1608/MAX1609 can be used as programma-
ble LED drivers (Figure 8). With their low quiescent cur-
rent, these devices are ideal for use as indicator light
drivers on the front panel of a notebook computer.
Octal SMBus-to-Parallel I/O Expanders
______________________________________________________________________________________
13
IO0
IO2
IO1
ADD0
IO7
ADD1
IO0
IO2
IO1
ADD0
IO7
ADD1
MAX1609
TO/FROM
HOST
+5V
V+
GND
LOAD1
LOAD2
LOAD3
ALERT
0.1
μF
0.01
μF*
0.01
μF*
0.01
μF*
0.01
μF*
0.01
μF*
0.01
μF*
IRF7406
IRF7413
IRF7406
IRF7413
IRF7406
IRF7413
+12V
10k
Ω
10k
Ω
10k
Ω
SMBCLK
SMBDATA
SMBSUS
MAX1608
TO/FROM
HOST
+5V
V+
GND
LOAD1
LOAD2
LOAD3
ALERT
0.1
μF
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
200k
Ω
200k
Ω
200k
Ω
200k
Ω
200k
Ω
200k
Ω
SMBCLK
SMBDATA
SMBSUS
*OPTIONAL
Figure 6. Load Switch with Controlled Turn-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com