Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1608EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1608EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Octal SMBus-to-Parallel I/O Expanders
_______________________________________________________________________________________
5
VIO_
500mV/div
V+
2V/div
PULLUP = 10k
Ω to V+
MAX1608
IO_ POWER-UP RESPONSE
Typical Operating Characteristics (continued)
(V+ = +5V, TA = +25°C, unless otherwise noted.)
IO_
2V/div
ALERT
5V/div
200ns/div
IO_ DRIVEN EXTERNALLY
ALERT DELAY
(IO_ FALLING)
NAME
FUNCTION
1– 8
IO0– IO7
Combined Input/Output. Open-drain output. Can withstand +28V.
9
GND
Ground
PIN
10, 11
ADD0, ADD1
SMBus Address Select. See Table 1.
12
SMBDATA
SMBus Serial-Data Input/Output. Open-drain output. Requires external pullup resistor.
16
V+
Supply Voltage Input, +2.7V to +5.5V. Bypass to GND with a 0.1µF capacitor.
15
SMBSUS
SMBus Suspend-Mode Control Input. The device enters the state previously stored in the
suspend-mode registers if low, or enter the state previously stored in the normal-mode reg-
isters if high.
14
SMBCLK
SMBus Serial Clock Input
13
ALERT
Active-Low Interrupt Output. Open-drain output. Requires external pullup resistor.
Pin Description
Detailed Description
The MAX1608/MAX1609 convert 2-wire SMBus serial
data into eight latched parallel outputs (IO0–IO7). These
devices are intended for general-purpose remote I/O
expansion. Each device has eight high-voltage open-
drain outputs that double as TTL-level logic inputs.
Typical applications range from high-side MOSFET load-
switch drivers in power-management systems, to push-
button switch monitors, to general-purpose digital I/Os.
The MAX1608/MAX1609 include two complete sets of
registers, each consisting of one output data register to
set the output states and two interrupt mask registers.
The SMBSUS line selects which set of registers control
the device state. The input register is used to perform
readback of the actual IO states.
The MAX1608/MAX1609 operate from a single +2.7V
to +5.5V supply with a typical quiescent current of
2.5µA, making them ideal for portable applications.
Additionally, the devices include an ALERT function to
alert the master of change of condition (Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com