Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00JM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00JM
Description  HF (13.56 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00JM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00JM Datasheet HTML 1Page - Balluff Korea Ltd. BAE00JM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HF (13.56 MHz)
BIS Z-GW-001-TCP
Order Code: BAE00JM
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281762
ETIM 6.0: EC002996
BAE00JM_0.3_2021-09-06
1 / 2
Basic features
Approval/Conformity
CE
FCC Part 15
EAC
WEEE
EN 55011
Size 1, Cl. A
Principle of operation
Communications module
Display/Operation
Function indicator
Error, LED red
Ethernet, LED yellow
Subnet 16 bus, LED yellow
Power (ON), LED green
Electrical connection
Connection (COM 1)
X3 (Ethernet): Female
Connection (supply voltage IN)
X2 (for test purposes only):
Connection slots
X1 (Subnet 16/RS485/power
supply): M12x1-Male, 5-pin
Electrical data
Current consumption max. at 24 V DC 133 mA
Operating voltage Ub
12...30 VDC
Residual ripple max.
10 %
Environmental conditions
Ambient temperature
-20...50 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP30
Storage temperature
-20...70 °C
Interface
Auxiliary interfaces
Subnet 16 (RS485)
Baud rate
10 MBaud
100 MBaud
Interface
Ethernet TCP/IP


Similar Part No. - BAE00JM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00JC BALLUFF-BAE00JC Datasheet
99Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00JE BALLUFF-BAE00JE Datasheet
116Kb / 3P
Lighting for Vision Systems
0.67_2021-10-12
BAE00JF BALLUFF-BAE00JF Datasheet
103Kb / 2P
Lighting for Vision Systems
0.72_2021-10-12
BAE00JJ BALLUFF-BAE00JJ Datasheet
108Kb / 2P
HF (13.56 MHz)
BAE00JK BALLUFF-BAE00JK Datasheet
112Kb / 2P
HF (13.56 MHz)
More results

Similar Description - BAE00JM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0133 BALLUFF-BIS0133 Datasheet
923Kb / 5P
HF (13.56 MHz)
BIS0157 BALLUFF-BIS0157 Datasheet
550Kb / 3P
HF (13.56 MHz)
BAE00JL BALLUFF-BAE00JL Datasheet
111Kb / 2P
HF (13.56 MHz)
BIS0132 BALLUFF-BIS0132 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0179 BALLUFF-BIS0179 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0175 BALLUFF-BIS0175 Datasheet
128Kb / 3P
HF (13.56 MHz)
BIS015T BALLUFF-BIS015T Datasheet
667Kb / 4P
HF (13.56 MHz)
2.2_2021-07-14
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com