Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00JM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE00JM
Description  HF (13.56 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00JM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE00JM Datasheet HTML 1Page - Balluff Korea Ltd. BAE00JM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HF (13.56 MHz)
BIS Z-GW-001-TCP
Order Code: BAE00JM
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281762
ETIM 6.0: EC002996
BAE00JM_0.3_2021-09-06
2 / 2
Material
Housing material
Aluminum, Die casting
Mechanical data
Application weight
260.00 g
Dimension
107 x 33 x 109 mm
Remarks
Values are under rated conditions unless otherwise specified.
Connector Drawings
1) View towards connector
2) Female 5-pin/ Function
1) View towards connector
2) Female RJ45
3) Ethernet Link, LED yellow
4) Ethernet Traffic, LED green



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com