Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9985M Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9985M
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9985M Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9985M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP9985M
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
0.02
0.01
0.05
0.1
0.2
Duty Factor = 0.5
Single Pulse
0
2
4
6
8
10
12
25
50
75
100
125
150
T c , Case Temperature (
o C)
0
1
2
3
0
50
100
150
T c , Case Temperature (
o C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com