Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9985M Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9985M
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9985M Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9985M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9985M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low On-Resistance
▼ Low On-Resistance
▼ Low On-Resistance
▼ Low On-Resistance
BVDSS
40V
▼ Fast Switching Speed
▼ Fast Switching Speed
▼ Fast Switching Speed
▼ Fast Switching Speed
RDS(ON)
15mΩ
▼ Surface Mount Package
▼ Surface Mount Package
▼ Surface Mount Package
▼ Surface Mount Package
ID
10A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient
3
Max.
50
℃/W
Data and specifications subject to change without notice
200120031
AP9985M
Parameter
Rating
Drain-Source Voltage
40
Gate-Source Voltage
± 20
Continuous Drain Current
3
10
Continuous Drain Current
3
8
Pulsed Drain Current
1
48
Total Power Dissipation
2.5
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.02
Thermal Data
Parameter
Storage Temperature Range
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - AP9985M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9985GM A-POWER-AP9985GM Datasheet
205Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9985GM-HF A-POWER-AP9985GM-HF Datasheet
103Kb / 5P
Fast Switching Characteristic
AP9985GM A-POWER-AP9985GM_14 Datasheet
211Kb / 5P
Low On-Resistance
More results

Similar Description - AP9985M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com