Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAV99S
Description  HIGH-SPEED SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAV99S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAV99S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAV99S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAV99S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Rev :
www.leiditech.com
2/3
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
0
2040
6080
100
1
10
100
1000
10000
0
25
50
75
100
125
150
0
50
100
150
200
250
04
8
12
16
20
0.6
0.7
0.8
0.9
1.0
1.1
FORWARD VOLTAGE
V
F
(V)
Forward Characteristics
300
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
T
a
=100℃
Reverse Characteristics
AMBIENT TEMPERATURE
T
a
(
)
℃
Power Derating Curve
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
f=1MHz
01.09.2021
BAV99S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com