Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAV99S
Description  HIGH-SPEED SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAV99S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAV99S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAV99S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAV99S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV99S
Rev :
www.leiditech.com
01.09.2021
1/3
Dimensions SOT-363
Pin Configuration
HIGH-SPEED SWITCHING DIODE
FEATURES
Small Plastic Package
High Switching Speed
Low Capacitance
Two Electrically Isolated Series Configuration Arrays
MARKING: K1
MAXIMUM RATINGS @( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Limits
Unit
VRRM
Repetitive Peak Reverse Voltage
85
V
VR
Reverse Voltage
75
V
IF
Forward Current
150
IFRM
Repetitive Peak Forward Current
450
mA
2.5
IFSM
A
PD
Power Dissipation
200
mW
RΘJA
Thermal Resistance from Junction to Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
75
V
Reverse current
IR
VR=75V
1
μA
IF=1mA
0.715
IF=10mA
0.855
IF=50mA
1
Forward voltage
VF
IF=150mA
1.25
V
Total capacitance
Ctot
VR=0,f=1MHz
1.5
pF
Reverse recovery time
trr
IF= IR=10mA, Irr=0.1×IR, RL=100Ω
6
ns
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Non-Repetitive Peak Forward Surge Current @ t=8.3ms
Soliddot = Pin1 indicate.
K1


Similar Part No. - BAV99S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
logo
Infineon Technologies A...
BAV99S INFINEON-BAV99S Datasheet
487Kb / 8P
Silicon Switching Diode
Mar-10-2004
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
NXP Semiconductors
BAV99S NXP-BAV99S Datasheet
153Kb / 14P
High-speed switching diodes
Rev. 07-14 April 2010
More results

Similar Description - BAV99S

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com