Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7156 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # VSC7156
Description  Enhanced 24-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7156 Datasheet(HTML) 1 Page - Maxim Integrated Products

  VSC7156 Datasheet HTML 1Page - Maxim Integrated Products VSC7156 Datasheet HTML 2Page - Maxim Integrated Products VSC7156 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
VSC7156
Enhanced 24-PHY 1.5Gbps and 3.0Gbps SAS
Edge/Fanout Expander
Low-Cost Single-Chip SAS Edge/Fanout Expander with Comprehensive
Statistics (per PHY)
This product is Not Recommended for New Designs. Some versions may be No Longer
Available or being discontinued and subject to Last Time Buy, after which new orders can not
be placed.
 
Description
The VSC7156 is a 24-PHY Serial Attached SCSI (SAS) edge/fanout expander. The device
provides SAS port expansion as defined by the ANSI T10 Serial Attached SCSI 1.0 and 1.1
specifications for both edge and fanout expanders. The VSC7156 is targeted at embedded
applications in the midrange and enterprise storage environments including blade servers,
JBODs, and RAID systems. It offers an attractive technology upgrade for those systems that
currently employ parallel SCSI technology and have substantial reliance on SCSI-centric
applications software or management solutions.
The VSC7156 provides active port expansion for up to 24 connected PHYs with connections
made via a high-performance internal nonblocking cross-bar matrix.
Programmable output preemphasis and input signal equalization ensure consistent high signal
quality in lengthy in-and-out-of-box backplanes or cable infrastructures.
The on-board CPU in the VSC7156 performs the role of an SMP management application client
and can participate in enclosure management functions through serial I²C interfaces, an
embedded Ethernet controller, or vendor-specific SMP implementations.
The VSC7156 is a SAS expander containing all the functions needed to implement a 1.5Gbps
or 3.0Gbps SAS enterprise server or JBOD system. This device is typically used in distributing
SAS signals to an array of disk drives either in a server or an external enclosure. Commonly,
two or more “initiator” ports connect to the SAS SAN and several disk ports connect to drives
over a 3Gbps serial backplane. The embedded enclosure management controller,
software/firmware-compatible with other Maxim enclosure management controllers, configures
and monitors both the VSC7156 and the entire enclosure through flexible low-speed interfaces.


Similar Part No. - VSC7156

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VSC7153-02 MAXIM-VSC7153-02 Datasheet
41Kb / 3P
24-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7154 MAXIM-VSC7154 Datasheet
41Kb / 3P
36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7155 MAXIM-VSC7155 Datasheet
42Kb / 3P
18-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7157 MAXIM-VSC7157 Datasheet
41Kb / 3P
Enhanced 36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
VSC7158 MAXIM-VSC7158 Datasheet
41Kb / 3P
Enhanced 18-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
More results

Similar Description - VSC7156

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
logo
AVAGO TECHNOLOGIES LIMI...
SAS3648 AVAGO-SAS3648 Datasheet
607Kb / 2P
SAS/SATA Expander
logo
Maxim Integrated Produc...
VSC7158 MAXIM-VSC7158 Datasheet
41Kb / 3P
Enhanced 18-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
VSC7157 MAXIM-VSC7157 Datasheet
41Kb / 3P
Enhanced 36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
VSC7155 MAXIM-VSC7155 Datasheet
42Kb / 3P
18-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7154 MAXIM-VSC7154 Datasheet
41Kb / 3P
36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7153-02 MAXIM-VSC7153-02 Datasheet
41Kb / 3P
24-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
MAX72044B MAXIM-MAX72044B Datasheet
39Kb / 2P
Generation II Enhanced 6.0Gbps 44-PHY SAS Expander
MAX72038B MAXIM-MAX72038B Datasheet
40Kb / 2P
Generation II Enhanced 6.0Gbps 38-PHY SAS Expander
MAX72024C MAXIM-MAX72024C Datasheet
40Kb / 2P
Generation II Enhanced 6.0Gbps 24-PHY SAS Expander
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com