Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # BAV19WS
Description  Silicon Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV19WS Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  BAV19WS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BAV19WS / 20WS / 21WS
Silicon Switching Diode
Document Number:F31835S
11-Oct-2021 V 2.0
www.futurewafer.com.tw
10. History
Version
Date
File No.
Recording
Basis
A
10-Aug-2018
New create
Market
F11835S
B
13-Aug-2019
Update company information
System
2.0
11-Oct-2021
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
cherry@futurewafer.com.tw
No. 286-11F, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan
Part No
Marking Code
Package
Packing
BAV19WS
WO9
7” Reel/3,000pcs
SOD-323
BAV20WS
WO2
BAV21WS
WO
9. Ordering information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com