Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAV19WS
Description  Silicon Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV19WS Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAV19WS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV19WS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV19WS / 20WS / 21WS
Silicon Switching Diode
Document Number:F31835S
11-Oct-2021 V 2.0
www.futurewafer.com.tw
SOD-323
3. Device Characteristics
Characteristic
Symbol
BAV19WS BAV20WS BAV21WS Unit
Peak Repetitive Reverse Voltage
V RRM
120
200
250
V
Working Peak Reverse Voltage
V RWM
100
150
200
DC Reverse Voltage
V R
100
150
200
Non-Repetitive Peak Reverse Voltage
V R(RMS)
71
106
141
Forward Continuous Current
I FM
250
mA
Non-Repetitive Peak Forward Surge Current
T = 1.0us I FSM
9.0
A
T = 10ms
1.7
Power Dissipation
P d
200
mW
Thermal Resistance Junction to ambient Air
R Ɵja
625
°
C/W
Operating and Storage temperature range
T j
°
C
-65 to 150
T STG
Parameter
Symbol
Condition
Min
Max
Units
Reverse Breakdown Voltage
BAV19WS
V BR
IR = 100uA
120
V
BAV20WS
200
-
BAV21WS
250
-
Forward Voltage
V F
IF = 100mA
-
1.00
IF = 200mA
1.25
Reverse Leakage Current
I R
@ VBR
-
100
nA
Reverse Recover Time
T rr
IF = IR = 30mA
-
50
nS
C I/O
Pin capacitance to
-
5.0
Pf
Junction Capacitance
4. Electrical Characteristics
1. Features
●
Fast Switching Speed
●
For High-Speed Switching Application
●
Ultra Small Surface Mount Package
2. Mechanical Characteristics
●
Molded SOD-323 Package
●
Packing:Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
Moisture Sensitivity Levels(MSL): Level 1


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
Silicon Switching Diode
Jan-30-2003
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
SILICON SWITCHING DIODE
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
Silicon switching diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com