Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCD Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCD
Description  Moiding power lnducto rs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCD Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC(mΩ)
Max(Typ.)
Isat(A)
Max(Typ.)
Irms(A)
Max(Typ.)
LHCD201610B-R24M-A8L
0.24
20
2
30(23)
5.0(6.0)
3.8(4.4)
LHCD201610B-R47M-A8L
0.47
20
2
41(34)
4.0(4.5)
2.9(3.3)
LHCD201610B-R68M-A8L
0.68
20
2
53(44)
3.3(3.6)
2.5(2.9)
LHCD201610B-1R0M-A8L
1.0
20
2
72(60)
2.8(3.2)
2.2(2.5)
LHCD201610B-2R2M-A8L
2.2
20
2
170(142)
1.8(2.1)
1.5(1.7)
Note: When ordering, please specify tolerance code. Tolerance: M=±20%
Operating temperature range-40℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Absolute maximum voltage 25VDC
 Measure Equipment:
L:Agilent E4991/HP4286A+16197A
(or equivalent), 2MHz 0.2V
RDC:CHEN HWA502BC/HP4338B
(or equivalent)
Isat:Agilent E4980A+HP42841A
(or equivalent)
Irms:Agilent 6641 SYSTEM DC POWER SUPPLY
(or equivalent)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance v.s DC Current
0.0
0.5
1.0
1.5
2.0
2.5
00.51 1.522.53 3.544.555.5 66.577.5 8 8.59
DC Current(A)
R24
2R2
1R0
R68
R47
Tem perature Change v.s DC Current
0
20
40
60
80
0
0.5 1
1.5
2 2.5
3 3.5
4
4.5 5
5.5
6 6.5
7 7.5
8
DC Current(A)
R24
R47
R68
1R0
2R2
LHCD Series
Rev :
www.leiditech.com
01.06.2018
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com