Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCD Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCD
Description  Moiding power lnducto rs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCD Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCD Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCD Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HCD Series provides high current
in compact package size with
magnetically shielded construction. This power
inductor is an excellent power solution for space-limited devices.
Features
Applications
 RoHS, Halogen Free and REACH Compliance
 Monolithic, magnetically shielded
 Capable for large current
 Smartphones, tablets and wearable devices
 HDD, SSD and PC peripheral devices
 DSC, camcoders
 PND
 DC/DC converters
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B
C
D
201610
2.0±0.2
1.6±0.2
1.0Max
0.5±0.3
201612
2.0±0.2
1.6±0.2
1.2Max
0.5±0.3
252010
2.5±0.2
2.0±0.2
1.0Max
0.6±0.3
252012
2.5±0.2
2.0±0.2
1.2Max
0.6±0.3
322510
3.2±0.3
2.5±0.3
1.0Max
0.5±0.3
322512
3.2±0.3
2.5±0.3
1.2Max
0.5±0.3
Dimensions in mm
TYPE
A
B
C
201610
0.7
2.3
1.8
201612
0.7
2.3
1.8
252010
1.2
2.8
2.3
252012
1.2
2.8
2.3
322510
1.7
3.5
2.8
322512
1.7
3.5
2.8
Moiding power lnducto rs
LHCD Series
L
L
Rev :
www.leiditech.com
01.06.2018
1/9


Similar Part No. - LHCD

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Inventronics Inc.
LHC-024S035RSP INVENTRONICS-LHC-024S035RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S050RSP INVENTRONICS-LHC-024S050RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S070RSP INVENTRONICS-LHC-024S070RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S105RSP INVENTRONICS-LHC-024S105RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results

Similar Description - LHCD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
logo
STMicroelectronics
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
logo
Shanghai Leiditech Elec...
LMI LEIDITECH-LMI Datasheet
1Mb / 7P
Moiding power lnducto rs
LHCC LEIDITECH-LHCC Datasheet
1Mb / 6P
Moiding power lnducto rs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com