Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCC10040-R22M-R7 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCC10040-R22M-R7
Description  Moiding power lnducto rs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCC10040-R22M-R7 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCC10040-R22M-R7 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(kHz)
RDC
(mΩ) Max
Isat
(A)Typ.
Irms
(A)Typ.
LHCC12050-R47M-R7
0.47
20
100
1.2
46
37
LHCC12050-1R0M-R7
1.0
20
100
2.5
37
29
LHCC12050-1R5M-R7
1.5
20
100
3.0
28
28
LHCC12050-4R7M-R7
4.7
20
100
11.5
16
11
LHCC12050-6R8M-R7
6.8
20
100
22
14
9
LHCC12050-100M-R7
10
20
100
35
13
7
Note: When ordering, please specify tolerance code. Tolerance: M=±20%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:WK 3260B or WK 6500P, 100kHz 0.5V
RDC:CHEN HWA 502 or CHEN HWA 46502B
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1020304050
DC Current (A)
1R0
R47
100
4R7
6R8
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
110
120
0
5
10
15
20
25
30
35
40
45
50
55
DC Current (A)
1R0
R47
4R7
100
6R8
LHCC Series
Rev :
www.leiditech.com
01.06.2018
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com