Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCC10040-R22M-R7 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCC10040-R22M-R7
Description  Moiding power lnducto rs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCC10040-R22M-R7 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCC10040-R22M-R7 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10040-R22M-R7 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(kHz)
RDC
(mΩ) Max
Isat
(A)Typ.
Irms
(A)Typ.
LHCC12060-100M-R7A
10
20
100
20.7
12.5
10
LHCC12060-150M-R7A
15
20
100
29.0
9.0
6.0
LHCC12060-220M-R7A
22
20
100
39.5
7.5
5.0
LHCC12060-330M-R7A
33
20
100
75
6.0
4.0
LHCC12060-680M-R7A
68
20
100
140
4.5
3.0
Note: When ordering, please specify tolerance code. Tolerance: M=±20%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:WK 3260B or WK 6500P, 100kHz 0.5V
RDC:CHEN HWA 502 or CHEN HWA 46502B
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance vs DC Current
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
0
1
2
3
4
5
6
7
8
9
10 11
12 13 14 15
16 17
DC Current(A)
680
330
220
150
100
Tem perature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
110
120
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
DC Current(A)
680
330
220
150
100
LHCC Series
Rev :
www.leiditech.com
01.06.2018
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com