Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201202 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG201202
Description  QUAD SPST CMOS ANALOG SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201202 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG201202 Datasheet HTML 1Page - Maxim Integrated Products DG201202 Datasheet HTML 2Page - Maxim Integrated Products DG201202 Datasheet HTML 3Page - Maxim Integrated Products DG201202 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIGURE 1: SWITCHING TIME TEST CIRCUIT: See Commercial Data Sheet
TRUTH TABLE
TERMINAL CONNECTION
Device Type
Logic
Switch
TERMINAL
NUMBER
DG201A &
DG202
DG201A &
DG202
01
0
ON
J16 & F16
L20
01
1
OFF
1
IN1
NC
02
0
OFF
2
D1
IN1
02
1
ON
3
S1
D1
4V-
S1
5
GND
V-
6S4
NC
7D4
GND
ORDERING
Information
8IN4
S4
01
DG201AAK
/883B
9
IN3
D4
01
DG201AAL
/883B
10
D3
IN4
01
DG201AAZ
/883B
11
S3
NC
02
DG202AK
/883B
12
NC
IN3
13
V+
D3
14
S2
S3
15
D2
NC
16
IN2
NC
17
V+
18
S2
19
D2
20
IN2
----------------------------
Electrical Characteristics of DG201A/DG202/883B
19-0041
Rev. C
Page 4 of
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com