Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201202 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG201202
Description  QUAD SPST CMOS ANALOG SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201202 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG201202 Datasheet HTML 1Page - Maxim Integrated Products DG201202 Datasheet HTML 2Page - Maxim Integrated Products DG201202 Datasheet HTML 3Page - Maxim Integrated Products DG201202 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCOPE: QUAD SPST CMOS ANALOG SWITCHES
Device Type
Generic Number
01
DG201AA(x)/883B
02
DG202A(x)/883B
Case Outline(s). The case outlines shall be designated in Mil-Std-1835 and as follows:
Outline Letter
Mil-Std-1835
Case Outline
Package Code
L
CDFP4-F16
16 LEAD FLATPACK
F16
K
GDIP1-T16 or CDIP2-T16
16 LEAD CERDIP
J16
Z
CQCC1-N20
20-Pin Ceramic LCC
L20
Absolute Maximum Ratings
Voltage Referenced to V-
V+ ...................................................................................................................................... 44V
GND ................................................................................................................................... 25V
Digital Inputs, VS, VD (Note 1) ......................................................... -2V to (V
+ +2V)or 20mA,
whichever occurs first
Current, Any terminal except S or D ............................................................................... 30mA
Continuous Current, S or D ............................................................................................. 20mA
(Pulsed at 1ms, 10% duty cycle max) ...................................................................... 70mA
Lead Temperature (soldering, 10 seconds) ........................................................................ +300
°C
Storage Temperature ........................................................................................... -65
°C to +150°C
Continuous Power Dissipation ............................................................................ TA=+70°C
16 lead Flatpack (derate 6.1mW/
°C above +70°C) ................................................. 485mW
16 lead CERDIP(derate 10mW/
°C above +70°C) ................................................... 800mW
20-Pin LCC (derate 9.1mW/
°C above +70°C) ........................................................ 727mW
Junction Temperature TJ .................................................................................….. +150°C
Thermal Resistance, Junction to Case,
ΘJC:
Case Outline 16 lead Flatpack ...........................................................…... 65
°C/W
Case Outline 16 lead CERDIP.............................................................….. 50
°C/W
Case Outline 20-Pin LCC ....................................................................…. 20
°C/W
Thermal Resistance, Junction to Ambient,
ΘJA:
Case Outline 16 lead Flatpack ...........................................................…. 165
°C/W
Case Outline 16 lead CERDIP..........................................................…... 100
°C/W
Case Outline 20-Pin LCC .................................................................….. 110
°C/W
Recommended Operating Conditions.
Ambient Operating Range (TA) .............................................................. -55°C to +125°C
NOTE 1: Signals on SX, DX, or INX exceeding V
+ or V- are clamped by internal diodes, and are
also internally current limited to 25mA.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
----------------------------
Electrical Characteristics of DG201A/DG202/883B
19-0041
Rev. C
Page 2 of
6


Similar Part No. - DG201202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2012 VISHAY-DG2012 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2012DL VISHAY-DG2012DL Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2012DL-T1 VISHAY-DG2012DL-T1 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2012DL-T1-E3 VISHAY-DG2012DL-T1-E3 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
More results

Similar Description - DG201202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
Quad SPST, CMOS Analog Switches
May 2001
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
Quad SPST CMOS Analog Switches
30-May-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com