Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1865 Datasheet(PDF) 75 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 75 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 71Page - Intel Corporation CD1865 Datasheet HTML 72Page - Intel Corporation CD1865 Datasheet HTML 73Page - Intel Corporation CD1865 Datasheet HTML 74Page - Intel Corporation CD1865 Datasheet HTML 75Page - Intel Corporation CD1865 Datasheet HTML 76Page - Intel Corporation CD1865 Datasheet HTML 77Page - Intel Corporation CD1865 Datasheet HTML 78Page - Intel Corporation CD1865 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
75
7.3.4
Transmitter Flow Control
The CD1865 provides both automatic In-Band (Xon/Xoff) and Out-of-Band Flow Control
functions. In-Band Flow Control recognizes special characters or character sequences for Xon and
Xoff control embedded in the data stream. Out-of-Band Flow Control uses the modem handshake
signals, RTS/CTS, to control the flow of data. Both types of flow control are implemented between
the Transmit FIFO and the Transmit Holding register, not between the Transmit Holding register
and the Transmit Shift register. Figure 26 on page 76 diagrams the transmitter flow-control logic.
All automatic flow-control functions are controlled by bits in Channel Option register 2 (COR2),
except DTR threshold, which is controlled by Modem Change Option register 1 (MCOR1).
Channel enable and flow-control status is stored in the Channel Control Status register (CCSR). A
TxEn bit shows the enabled status of the channel’s transmitter. Two bits, TxFloff and TxFlon, are
used to indicate the current state of the channels’ flow control.
Once the Automatic Flow-Control Modes are invoked by the host, all actions are transparent to the
host. If receipt of flow-control characters by the host is not required, the Flow-Control
Transparency bit of COR3 may be set to not pass received flow-control characters onto the host. If
TxIBE is set, the CD1865 implements the flow-control function on the transmitter regardless of the
FCT mode. The host can review the status of the channel by reading the Channel Control Status
register.
If flow-control status is needed by the host, the SCDE and RxSC Control bits must be set and the
FCT bit must not be set. A special character detect status and the special character is presented to
the host by a Receive Exception Service Request. If the host wishes to manually flow-control the
transmitter, it can do so by using the TxEn bit, which stops transmission after the current character
completes.
RxFloff
RxFlon
Meaning
1
1
Illegal mode.
1
0
Xoff is last flow-control character sent
(flow off).
01
Xon is last flow-control character sent
(flow on).
0
0
Flow is on, data has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com