Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1865 Datasheet(PDF) 49 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 49 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 45Page - Intel Corporation CD1865 Datasheet HTML 46Page - Intel Corporation CD1865 Datasheet HTML 47Page - Intel Corporation CD1865 Datasheet HTML 48Page - Intel Corporation CD1865 Datasheet HTML 49Page - Intel Corporation CD1865 Datasheet HTML 50Page - Intel Corporation CD1865 Datasheet HTML 51Page - Intel Corporation CD1865 Datasheet HTML 52Page - Intel Corporation CD1865 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
49
Table 5.
Bit Rate Constants, CLK = 33 MHz
Bit Rate
Divisor†
Error
110
493e
0.000%
150
35b6
0.000%
300
1adb
0.000%
600
d6e
0.015%
1200
6b7
0.015%
2400
35b
0.044%
4800
1ae
0.073%
9600
d7
0.073%
19200
6b
0.393%
38400
36
0.538%
56000
25
0.461%
57600
24
0.538%
64000
20
0.703%
76000
1b
0.509%
115200
12
0.538%
†All divisor values are in hex.
Table 6.
Bit Rate Constants, CLK = 25 MHz
Bit Rate
Divisor†
Error
110
377d
0.003%
150
28b1
0.003%
300
1458
0.006%
600
a2c
0.006%
1200
516
0.006%
2400
28b
0.006%
4800
146
0.147%
9600
a3
0.147%
19200
51
0.467%
38400
29
0.762%
56000
1c
0.352%
57600
1b
0.467%
64000
18
1.696%
76000
15
2.144%
115200
e
3.219%
†All divisor values are in hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com