Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2196 Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button DS2196 Datasheet HTML 65Page - Maxim Integrated Products DS2196 Datasheet HTML 66Page - Maxim Integrated Products DS2196 Datasheet HTML 67Page - Maxim Integrated Products DS2196 Datasheet HTML 68Page - Maxim Integrated Products DS2196 Datasheet HTML 69Page - Maxim Integrated Products DS2196 Datasheet HTML 70Page - Maxim Integrated Products DS2196 Datasheet HTML 71Page - Maxim Integrated Products DS2196 Datasheet HTML 72Page - Maxim Integrated Products DS2196 Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
DS2196
69 of 157
Each Receive Signaling Register (RS1 to RS12) reports the incoming robbed bit signaling from eight
DS0 channels. In the ESF framing mode, there can be up to four signaling bits per channel (A, B, C, and
D). In the D4 framing mode, there are only two framing bits per channel (A and B). In the D4 framing
mode, the framer will replace the C and D signaling bit positions with the A and B signaling bits from the
previous multiframe. Hence, whether the framer is operated in either framing mode, the user needs only
to retrieve the signaling bits every 3 ms. The bits in the Receive Signaling Registers are updated on
multiframe boundaries so the user can utilize the Receive Multiframe Interrupt in the Receive Status
Register 2 (SR2.7) to know when to retrieve the signaling bits. The Receive Signaling Registers are
frozen and not updated during a loss of sync condition (SR1.0=1). They will contain the most recent
signaling information before the “OOF” occurred. The signaling data reported in RS1 to RS12 is also
available at the RSER pin.
TS1A TO TS12A: TRANSMIT SIGNALING REGISTERS FRAMER A
(Address = 70 to 7B Hex)
TS1B TO TS12B: TRANSMIT SIGNALING REGISTERS FRAMER B
(Address = F0 to FB Hex)
(MSB)
(LSB)
A(8)
A(7)
A(6)
A(5)
A(4)
A(3)
A(2)
A(1)
TS1
A(16)
A(15)
A(14)
A(13)
A(12)
A(11)
A(10)
A(9)
TS2
A(24)
A(23)
A(22)
A(21)
A(20)
A(19)
A(18)
A(17)
TS3
B(8)
B(7)
B(6)
B(5)
B(4)
B(3)
B(2)
B(1)
TS4
B(16)
B(15)
B(14)
B(13)
B(12)
B(11)
B(10)
B(9)
TS5
B(24)
B(23)
B(22)
B(21)
B(20)
B(19)
B(18)
B(17)
TS6
A/C(8)
A/C(7)
A/C(6)
A/C(5)
A/C(4)
A/C(3)
A/C(2)
A/C(1)
TS7
A/C(16)
A/C(15)
A/C(14)
A/C(13)
A/C(12)
A/C(11)
A/C(10)
A/C(9)
TS8
A/C(24)
A/C(23)
A/C(22)
A/C(21)
A/C(20)
A/C(19)
A/C(18)
A/C(17)
TS9
B/D(8)
B/D(7)
B/D(6)
B/D(5)
B/D(4)
B/D(3)
B/D(2)
B/D(1)
TS10
B/D(16)
B/D(15)
B/D(14)
B/D(13)
B/D(12)
B/D(11)
B/D(10)
B/D(9)
TS11
B/D(24)
B/D(23)
B/D(22)
B/D(21)
B/D(20)
B/D(19)
B/D(18)
B/D(17)
TS12
SYMBOL
POSITION
NAME AND DESCRIPTION
D(24)
TS12.7
Signaling Bit D in Channel 24
A(1)
TS1.0
Signaling Bit A in Channel 1
Each Transmit Signaling Register (TS1 to TS12) contains the Robbed Bit signaling for eight DS0
channels that will be inserted into the outgoing stream if enabled to do so via TCR1.4. In the ESF
framing mode, there can be up to four signaling bits per channel (A, B, C, and D). On multiframe
boundaries, the framer will load the values present in the Transmit Signaling Register into an outgoing
signaling shift register that is internal to the device. The user can utilize the Transmit Multiframe
Interrupt in Status Register 2 (SR2.6) to know when to update the signaling bits. In the ESF framing
mode, the interrupt will come every 3 ms and the user has a full 3ms to update the TSRs. In the D4
framing mode, there are only two framing bits per channel (A and B). However in the D4 framing mode,
the framer uses the C and D bit positions as the A and B bit positions for the next multiframe. The framer
will load the values in the TSRs into the outgoing shift register every other D4 multiframe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com