Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2196 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2196 Datasheet HTML 9Page - Maxim Integrated Products DS2196 Datasheet HTML 10Page - Maxim Integrated Products DS2196 Datasheet HTML 11Page - Maxim Integrated Products DS2196 Datasheet HTML 12Page - Maxim Integrated Products DS2196 Datasheet HTML 13Page - Maxim Integrated Products DS2196 Datasheet HTML 14Page - Maxim Integrated Products DS2196 Datasheet HTML 15Page - Maxim Integrated Products DS2196 Datasheet HTML 16Page - Maxim Integrated Products DS2196 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
DS2196
13 of 157
3. PIN FUNCTION DESCRIPTION
Transmit Side Pins
Signal Name:
TCLKA/B
Signal Description:
Transmit Clock
Signal Type:
Input
A 1.544 MHz primary clock is applied here. Used to clock data through the transmit side formatters. TCLKA/B
can be internally connected to RCLKB/A via the CCR4B.2 control bit.
Signal Name:
TSERA/B
Signal Description:
Transmit Serial Data
Signal Type:
Input
Transmit NRZ serial data. Sampled on the falling edge of TCLKA or TCLKB. TSERA/B can be internally
connected to RSERB/A via the CCR4B.2 control bit.
Signal Name:
TSYNCA/B
Signal Description:
Transmit Sync
Signal Type:
Input / Output
When programmed as an input, a pulse at this pin will establish either frame or multiframe boundaries for the
transmit side. Via TCR2A.2 and TCR2B.2, the DS2196 can be programmed to output either a frame or multiframe
pulse at this pin. If this pin is set to output pulses at frame boundaries, it can also be set via TCR2A.4 and
TCR2B.4 to output double–wide pulses at signaling frames. See Section 21 for details. TSYNCA/B can be
internally connected to RMSYNCB/A via the CCR4B.2 control bit.
Signal Name:
TCHCLKA/B / TLCLKA/B
Signal Description:
Transmit Channel Clock / Transmit Link Clock
Signal Type:
Output
A dual function pin depending on the setting of the CCR4A.1 and CCR4B.1 control bits. If TCHCLK is selected, a
192-kHz clock, which pulses high during the LSB of each channel, will be output. If TLCLK is selected, either a 4
kHz or 2 kHz (ZBTSI) demand clock for the TLINK data is output. This output signal is always synchronous with
TCLKA or TCLKB. See Section 21 for details.
Signal Name:
TCHBLKA/B / TLINKA/B
Signal Description:
Transmit Channel Block / Transmit Link Data
Signal Type:
Input / Output
A dual function pin depending on the setting of the CCR4A.1 and CCR4B.1 control bits. If TCHBLK is selected, a
user programmable output that can be forced high or low during any of the 24 T1 channels is output. Useful for
blocking clocks to a serial UART or LAPD controller in applications where not all T1 channels are used such as
Fractional T1, 384 kbps service, 768 kbps, or ISDN–PRI. Also useful for locating individual channels in drop–
and–insert applications, for external per–channel loopback, and for per–channel conditioning. See Section 21 for
details. If TLINK is selected, this pin will be sampled on the falling edge of TCLKA or TCLKB for data insertion
into either the FDL stream (ESF) or the Fs–bit position (D4) or the Z–bit position (ZBTSI). See Section 21 for
details. This signal is always synchronous with TCLKA or TCLKB.
Signal Name:
TPOSOA/B / TNRZA/B
Signal Description:
Transmit Positive & NRZ Data Output
Signal Type:
Output
Updated on the rising edge of TCLKOA and rising or falling edge of TCLKOB with either bipolar data or NRZ
data out of the transmit side formatter. This pin can be programmed to source NRZ data via the Output Data
Format (CCR1A.6 and CCR1B.6) control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com