Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5067DPAS Datasheet(PDF) 4 Page - General Electric Company

Part # SL5067DPAS
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067DPAS Datasheet(HTML) 4 Page - General Electric Company

  SL5067DPAS Datasheet HTML 1Page - General Electric Company SL5067DPAS Datasheet HTML 2Page - General Electric Company SL5067DPAS Datasheet HTML 3Page - General Electric Company SL5067DPAS Datasheet HTML 4Page - General Electric Company SL5067DPAS Datasheet HTML 5Page - General Electric Company SL5067DPAS Datasheet HTML 6Page - General Electric Company SL5067DPAS Datasheet HTML 7Page - General Electric Company SL5067DPAS Datasheet HTML 8Page - General Electric Company SL5067DPAS Datasheet HTML 9Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SL5067
4
VIDEO
The video signal is applied to pin 4 via a coupling capacitor,
(see Fig.9). This capacitor provides both clamping and black
level hold. The internal peak white AGC can cope with an input
signal of between 0.5 and 1.5 volts peak to peak.The full 9.5
dB AGC range is handled within a 600mV span on this storage
capacitor.
Pin 3 (MOD INDEX) is used to control both RF carrier
amplitude and video polarity, see Fig. 3. Since the video input
is internally AGC’d, varying the carrier amplitude will also
adjust the video modulation index, see Fig. 4.
For example, for a negative modulation (PAL or NTSC) with
an 80% modulation index, pin 3 should be set to 1.1Volts (see
Fig. 4). This voltage corresponds to an unmodulated RF
output level of 82dB
mV, see Fig. 3.
AUDIO
The sound IF oscillator can operate from 4.5MHz to
6.5MHz to cover all sound standards. The centre frequency is
determined by the Sound IF Tank LC connected between pins
15 and 16.
The centre frequency is given by.
f
0 +
1
2
p LC
The Q factor of the TANK is given by.
Q
+ 1770
2
pf
0L
+ 1770
2
pf
0C
The Q factor of the coil must be high, e.g. >20
Good temperature stability can be achieved by the correct
choice of temperature coefficients for Csound and Lsound.
The Audio signal should be coupled into pin 17 via a 470nF
capacitor. The maximum input level is 1 volts peak to peak.
Selection of AM or FM sound is made via pin 18
(FMAMSEL). The DC value on this pin controls the level of the
sound subcarrier. The crossover point between FM and AM
sound occurs at
½VCC (measured at pin 18). Below this
voltage, the modulator is set to FM sound; above it to AM.
Graphs for AM and FM sound subcarrier output levels are
shown in Figs. 6 and 7.
If AM sound is required, it is recommended that a
modulated carrier is fed into the Audio input. Further details of
this are mentioned at the end of the datasheet in the paragraph
marked ‘‘Positive Modulation”
MODULATED RF OUTPUT
The modulated RF outputs from pin 1 and pin 2 consist of
open collectors which should be externally connected to VCC
via 75
W resistors. Great care must be taken with the
decoupling of the supply to these outputs.
Both outputs are suitable for driving either 75
W line, or for
connection to a balun or impedance matching transformer.
This has the added benefit of minimising common mode
coupling, thus giving improved RF performance.
87
85
83
81
79
0.0
1.0
2.0
3.0
4.0
5.0
80dB
mV
1.4
2.45
VOLTAGE SET ON PIN 3
Fig. 4. Picture carrier, unmodulated RF output level
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com