Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5067DPAS Datasheet(PDF) 9 Page - General Electric Company

Part # SL5067DPAS
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067DPAS Datasheet(HTML) 9 Page - General Electric Company

Back Button SL5067DPAS Datasheet HTML 5Page - General Electric Company SL5067DPAS Datasheet HTML 6Page - General Electric Company SL5067DPAS Datasheet HTML 7Page - General Electric Company SL5067DPAS Datasheet HTML 8Page - General Electric Company SL5067DPAS Datasheet HTML 9Page - General Electric Company SL5067DPAS Datasheet HTML 10Page - General Electric Company SL5067DPAS Datasheet HTML 11Page - General Electric Company SL5067DPAS Datasheet HTML 12Page - General Electric Company SL5067DPAS Datasheet HTML 13Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SL5067
9
than the picture carrier itself. Thus if the picture carrier level is
reduced by using a resistor on pin 3 (mod index set), the level
of the sound subcarrier will not change. This should be
remembered when setting up a modulator to give the desired
modulation index and vision/sound carrier ratio.
POSITIVE MODULATION
Several references are made in the text to positive video
modulation and AM sound. Whilst it is possible to switch the
device into these modes, it should be noted that the SL5067
will not perform to full SECAM specifications.
Use
of
AM
sound
may
produce
sound–in–vision
interference at higher modulation depths. It should be
possible, however to AC couple in modulated audio. If this is
attempted, the sound tank circuit on pins 15 and 16 would not
be required. The modulated audio signal should be fed into the
Audio input pin (pin 17) via a 470nF capacitor.
The FM/AM select pin can be used as a gain control pin, but
will not switch the device between FM and AM modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com