Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM0605H-R40MG-D Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0605H-R40MG-D
Description  Carbonyl powder inductor.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0605H-R40MG-D Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0605H-R40MG-D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6. Material List
7. Reliability and Test Condition
Item
Performance
Test Condition
Operating temperature
-40~+125℃ (Including self - temperature rise)
Storage temperature
1.-10~+40℃,50~60%RH (Product without taping)
2.-40~+125℃ (on board)
Electrical Performance Test
Inductance
Refer to standard electrical characteristics list.
HP4284A,CH11025,CH3302,CH1320,CH1320S
LCR Meter.
DCR
CH16502,Agilent33420A Micro-Ohm Meter.
Saturation Current (Isat)
Approximately △ L30%.
Saturation DC Current (Isat) will cause L0
to drop △ L(%)
Heat Rated Current (Irms)
Approximately △ T40℃
Heat Rated Current (Irms) will cause the coil temperature rise
△ T(℃) without core loss.
1.Applied the allowed DC current
2.Temperature measured by digital surface thermometer
Reliability Test
Life Test
Appearance:No damage.
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:within ±15% of initial value and shall not
exceed the specification value
Preconditioning:
Run
through
IR
reflow
for
2
times.( IPC/JEDEC
J-STD-020DClassification Reflow Profiles
)
Temperature: 125±2 ℃(Inductor)
Applied current:rated current
Duration:1000±12hrs
Measured at room temperature after placing for 24±2 hrs
Load Humidity
Preconditioning:
Run
through
IR
reflow
for
2
times.( IPC/JEDEC
J-STD-020DClassification Reflow Profiles
Humidity:85±2﹪ R.H,
Temperature:85℃±2 ℃
Duration:1000hrs Min. with 100% rated current
Measured at room temperature after placing for 24±2 hrs
Moisture Resistance
Preconditioning:
Run
through
IR
reflow
for
2
times.( IPC/JEDEC J-STD-020DClassification Reflow
Profiles
1. Baked at50℃ for 25hrs, measured at room temperature
after placing for 4 hrs.
2. Raise temperature to 65±2℃ 90-100%RH in 2.5hrs, and
keep 3 hours, cool down to 25℃ in 2.5hrs.
3. Raise temperature to 65±2℃ 90-100%RH in 2.5hrs, and
keep 3 hours, cool down to 25℃ in
2.5hrs,keep at 25℃ for 2 hrs then keep at -10℃ for 3 hrs
4. Keep at 25℃ 80-100%RH for 15min and vibrate at the
frequency of 10 to 55 Hz to 10 Hz, measure at
room temperature after placing for 1~2 hrs.
Thermal
shock
Preconditioning:
Run
through
IR
reflow
for
2
times.( IPC/JEDEC J-STD-020DClassification
Reflow Profiles
Condition for 1 cycle
Step1:-40±2℃ 30±5min
Step2:25±2℃ ≦ 0.5min
Step3:125±2℃ 30±5min
Number of cycles: 500
Measured at room temperature after placing for 24±2 hrs
Vibration
Oscillation Frequency: 10~2K~10Hz for 20 minutes
Equipment: Vibration checker
Total Amplitude:1.52mm±10%
Testing Time : 12 hours(20 minutes, 12 cycles each of 3
orientations)。
NO
Items
Materials
1
Core
Carbonyl Powder.
2
Wire
Polyester Wire or equivalent.
3
Clip
100% Pb free solder(Ni+Sn---Plating)
4
paint
Epoxy resin
5
Ink
Halogen-free ketone
Rev 2.0 :
www.leiditech.com
12.01.2019
3/9
LM0605H-Series(G)-D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com