Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM0605H-R40MG-D Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0605H-R40MG-D
Description  Carbonyl powder inductor.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0605H-R40MG-D Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0605H-R40MG-D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R40MG-D Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1. Features
2. Applications
3. Dimensions
A
C
 
1R0
D
1322
4. Part Numbering
1. Carbonyl powder inductor.
2. Compact design.
3. High current,low DCR,high efficiency.
4. Very low acoustic noise and very low leakage flux noise.
5. High reliability.
6. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
Note PC power system,incl. IMVP-6
DC/DC converter .
LM
0605
H
-
1R0
MG
- D
A
B
C
D
E
F
A: Series
B: Dimension
BxC
C: Type
Carbonyl Powder
D: Inductance
1R0=1.00uH
E: Inductance Tolerance
M=±20%
F: 印 D/C
印字:黑色 1R0 及 D/C 1322 (13 年,22 週期)(依實際生產日期而定).
Pb-free
Pb
Recommend PC Board Pattern
L
G
L(mm)
G(mm)
H(mm)
8.4
2.5
3.5
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
LM0605H
7.3±0.3
6.6±0.3
4.8±0.2
1.8±0.3
3.0±0.3
Halogen-free
Halogen
LM0605H-Series(G)-D
Rev 2.0 :
www.leiditech.com
12.01.2019
1/9


Similar Part No. - LM0605H-R40MG-D

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM0603 LEIDITECH-LM0603 Datasheet
1Mb / 4P
AEC-200 Automotive Grade Certified
LM0603N103F3435FA LEIDITECH-LM0603N103F3435FA Datasheet
1Mb / 12P
PCB
LM0603NH103F3380FB LEIDITECH-LM0603NH103F3380FB Datasheet
1Mb / 10P
PCB
More results

Similar Description - LM0605H-R40MG-D

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN12-2P40 FERROXCUBE-TN12-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
Alloy powder toroids
TX13-7.6-4.8 FERROXCUBE-TX13-7.6-4.8 Datasheet
44Kb / 3P
Alloy powder toroids
TX23-14-7.6 FERROXCUBE-TX23-14-7.6 Datasheet
44Kb / 3P
Alloy powder toroids
TX36-22-11 FERROXCUBE-TX36-22-11 Datasheet
44Kb / 3P
Alloy powder toroids
TX51-32-14 FERROXCUBE-TX51-32-14 Datasheet
43Kb / 3P
Alloy powder toroids
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
Alloy powder toroids
TX6.4-2.8-2.8 FERROXCUBE-TX6.4-2.8-2.8 Datasheet
44Kb / 3P
Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
Alloy powder toroids
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
Carbonyl Powder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com